Part Number Hot Search : 
FB11N50 3EZ14 00390 DSP56602 2SC6013 FM301 CM1000 MC339
Product Description
Full Text Search
 

To Download OSYYJ25111A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Round Yellow &Yellow LED OSYYJ25111A
Features
Outline
Dimension
High Luminous LEDs 5mm Round Standard Directivity Long Lifetime Operation Superior Weather-resistance UV Resistant Epoxy/ Water Clear Type AC LED Toys Audio Games Other Lighting

Applications

Absolute
Maximum Rating
Item Symbol
IF IFP VR PD Topr Tstg Tsol
(Ta=25
Value LED1
30 100 5 78 -30 ~ +85 -40~ +100 260 /5sec
)
Unit
mA mA V mW
Directivity
LED2
30 100 5 78
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Electrical
-
Duty ratio max 1/10
-Optical Characteristics
NO.
LED1 LED2 LED1 LED2 LED1 LED2 LED1 LED2
(Ta=25
Min.
1.8 1.8 585 585 4200 4200 -
)
Max.
2.6 2.6 595 595 V V nm nm mcd mcd deg deg
Item
DC Forward Voltage Domi. Wavelength* Luminous Intensity* 50% Power Angle
Symbol
VF 1 VF 2 D 1 D 2 IV 1 IV 2 21/2 21/2
Condition
IF1=20mA IF2=20mA IF1=20mA IF2=20mA IF1=20mA IF2=20mA IF1=20mA IF2=20mA
Typ.
2.1 2.1 590 590 5800 5800 15 15
*Tolerance of dominant chromaticity is +10% *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSYYJ25111A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X